Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK320M50R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LDK320M50R
Description  200 mA low quiescent current and high PSRR voltage regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK320M50R Datasheet(HTML) 5 Page - STMicroelectronics

  LDK320M50R Datasheet HTML 1Page - STMicroelectronics LDK320M50R Datasheet HTML 2Page - STMicroelectronics LDK320M50R Datasheet HTML 3Page - STMicroelectronics LDK320M50R Datasheet HTML 4Page - STMicroelectronics LDK320M50R Datasheet HTML 5Page - STMicroelectronics LDK320M50R Datasheet HTML 6Page - STMicroelectronics LDK320M50R Datasheet HTML 7Page - STMicroelectronics LDK320M50R Datasheet HTML 8Page - STMicroelectronics LDK320M50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LDK320
Typical application
DocID028460 Rev 1
5/25
3
Typical application
Figure 4: Typical application circuits
Adjustable version and enable pin are not available on SOT-89 package.
V
IN
G ND
V
I
E N
C
IN
V
O
V
OUT
C
OUT
L DK 320
OFF
O N
1 µ F
1 µF
1µF
1µF
V
IN
G ND
V
I
E N
C
IN
ADJ
V
O
V
OUT
C
OUT
R
1
R
2
L DK 320
O FF
O N
Fix ed output voltage vers ion
Adjustable output voltage vers ion
V O=V AD J (1+R1/R2)
GIPD030820151358MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com