Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS325 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFLVDS325
Description  Rad-hard quad LVDS receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS325 Datasheet(HTML) 3 Page - STMicroelectronics

  RHFLVDS325 Datasheet HTML 1Page - STMicroelectronics RHFLVDS325 Datasheet HTML 2Page - STMicroelectronics RHFLVDS325 Datasheet HTML 3Page - STMicroelectronics RHFLVDS325 Datasheet HTML 4Page - STMicroelectronics RHFLVDS325 Datasheet HTML 5Page - STMicroelectronics RHFLVDS325 Datasheet HTML 6Page - STMicroelectronics RHFLVDS325 Datasheet HTML 7Page - STMicroelectronics RHFLVDS325 Datasheet HTML 8Page - STMicroelectronics RHFLVDS325 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID028542 Rev 1
3/15
RHFLVDS325
Functional description
15
1
Functional description
Figure 1. Logic diagram and logic symbol
Note:
1
The G input features an internal pull-up network. The G input features an internal pull-down
network. If they are floating the circuit is enabled.
2Vid = VIA-VIB
3
L = low level, H = high Level, X = irrelevant, Z = high impedance (off). ? = intermediate
Table 2. Truth table
Differential inputs
Enables
Output
A, B
G
G
Y
VID ≥100 mV
HX
H
XL
H
-100 mV < VID < 100 mV
HX
?
XL
?
VID ≤-100 mV
HX
L
XL
L
XL
H
Z
Open/Short or terminated
HX
H
XL
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com