Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP742R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSP742R
Description  Smart Power High-Side-Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP742R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSP742R Datasheet HTML 6Page - Infineon Technologies AG BSP742R Datasheet HTML 7Page - Infineon Technologies AG BSP742R Datasheet HTML 8Page - Infineon Technologies AG BSP742R Datasheet HTML 9Page - Infineon Technologies AG BSP742R Datasheet HTML 10Page - Infineon Technologies AG BSP742R Datasheet HTML 11Page - Infineon Technologies AG BSP742R Datasheet HTML 12Page - Infineon Technologies AG BSP742R Datasheet HTML 13Page - Infineon Technologies AG BSP742R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2004-03-16
Page 10
BSP 742 R
Typ. transient thermal impedance
ZthJA=f(tp) @ 6cm2 heatsink area
Parameter: D=tp/T
10
-710 -610 -510 -410 -310 -210 -110 0 10 1 10 2
10
4
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
D=0
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
Typ. transient thermal impedance
ZthJA=f(tp) @ minimal footprint
Parameter: D=tp/T
10
-710 -610 -510 -410 -310 -210 -110 0 10 1 10 2
10
4
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
D=0
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
Typ. on-state resistance
RON = f(Tj) ; Vbb = 13,5V ; Vin = high
-40 -20
0
20
40
60
80 100 120
°C 160
Tj
150
200
250
300
350
m
Ω
450
Typ. on-state resistance
RON = f(Vbb); IL = 0.3A ; Vin = high
0
5
10
15
20
25
30
V
40
Vbb
0
100
200
300
400
m
Ω
600
-40°C
25°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com