Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTP315N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RTP315N10F7
Description  Aerospace and defense N-channel 100 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RTP315N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RTP315N10F7 Datasheet HTML 2Page - STMicroelectronics RTP315N10F7 Datasheet HTML 3Page - STMicroelectronics RTP315N10F7 Datasheet HTML 4Page - STMicroelectronics RTP315N10F7 Datasheet HTML 5Page - STMicroelectronics RTP315N10F7 Datasheet HTML 6Page - STMicroelectronics RTP315N10F7 Datasheet HTML 7Page - STMicroelectronics RTP315N10F7 Datasheet HTML 8Page - STMicroelectronics RTP315N10F7 Datasheet HTML 9Page - STMicroelectronics RTP315N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
RTP315N10F7
6/13
DocID026884 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Sinlge
pulse
AM14733v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
5V
6V
7V
VGS=10V
ID
150
100
50
0
0
4
VDS(V)
8
(A)
2
6
200
250
8V
300
AM14734v1
ID
150
100
50
0
0
4
VGS(V)
8
(A)
2
6
200
250
VDS = 2V
300
350
13
5
7
AM14735v1
VGS
6
4
2
0
0
Qg(nC)
(V)
100
8
50
10
VDD=50V
ID=180A
150
AM14736v1
RDS(on)
2.25
2.20
2.15
2.10
0
80
ID(A)
(m
Ω)
40
120
2.30
2.35
2.40
2.45
VGS=10V
160
AM14737v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com