Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRK2001 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SRK2001
Description  Adaptive synchronous rectification controller for LLC resonant converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2001 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SRK2001 Datasheet HTML 10Page - STMicroelectronics SRK2001 Datasheet HTML 11Page - STMicroelectronics SRK2001 Datasheet HTML 12Page - STMicroelectronics SRK2001 Datasheet HTML 13Page - STMicroelectronics SRK2001 Datasheet HTML 14Page - STMicroelectronics SRK2001 Datasheet HTML 15Page - STMicroelectronics SRK2001 Datasheet HTML 16Page - STMicroelectronics SRK2001 Datasheet HTML 17Page - STMicroelectronics SRK2001 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Operation description
SRK2001
14/22
DocID027367 Rev 3
occupies almost 100% of the half-switching cycle, as the load is reduced, the conduction
duty cycle is reduced and, as it falls below DOFF (see data in Table 5 on page 7), the device
enters the sleep mode. To prevent wrong decisions, the sleep mode condition must be
confirmed for 512 consecutive clock cycles.
Once in the sleep mode, SR MOSFET gate driving is re-enabled when the conduction duty
cycle of the body diode (or the external diodes in parallel to the MOSFET) exceeds DON: the
number of clock cycles needed to exit the sleep mode is proportional to the difference
between the body diode conduction duty cycle and the programmed DON threshold. This
allows a faster sleep-out in case of the heavy load transient low-to-high.
Furthermore, in order to reduce the perturbation introduced by a sudden sleep mode state
entering, a soft-sleep transition procedure is adopted, that progressively decreases the
conduction time before entering the sleep mode state.
After entering the sleep mode, timing is ignored for 8 switching cycles respectively to let the
resulting transient in the output current fade-out, then the timing check is enabled.
The automatic sleep mode function can be disabled by the EN pin (see Section 5.7): this
may be beneficial to the overall system behavior in case of conflict with the burst mode
operation of the half bridge converter driven by the primary controller.
5.7
EN and PROG pins: function and usage
The EN pin and PROG pin allow the user to configure two different operating modes:
Automatic sleep mode function enabled (described in Section 5.6)
Automatic sleep mode function disabled
The configuration choice is done during the startup phase (when the supply voltage reaches
the turn-on level VCC_On) and internally stored as long as VCC is within the supply range.
During the run mode the EN pin can be used as remote on-off input as well (both operating
modes), using a small signal transistor connected to the pin as shown in Figure 9: when the
switch is closed, the pin voltage goes below the VEN_OFF threshold, the controller stops
operating and enters a low consumption state; it resumes the operation when the switch is
opened and the pin voltage surpasses the VEN_ON threshold. The small signal transistor has
to be open during the startup phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com