Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB45N40DM2AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB45N40DM2AG
Description  Extremely low gate charge and input capacitance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB45N40DM2AG Datasheet(HTML) 5 Page - STMicroelectronics

  STB45N40DM2AG Datasheet HTML 1Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 2Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 3Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 4Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 5Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 6Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 7Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 8Page - STMicroelectronics STB45N40DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STB45N40DM2AG
Electrical characteristics
DocID028285 Rev 1
5/15
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
38
A
ISDM(1)
Source-drain current
(pulsed)
-
152
A
VSD(2)
Forward on voltage
VGS = 0 V, ISD = 38 A
-
1.6
V
trr
Reverse recovery time
ISD = 38 A, di/dt = 100 A/µs,
VDD = 60 V (see Figure 16:
"Test circuit for inductive load
switching and diode recovery
times")
-
95
ns
Qrr
Reverse recovery charge
-
0.4
µC
IRRM
Reverse recovery current
-
8.5
A
trr
Reverse recovery time
ISD = 38 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C (see
Figure 16: "Test circuit for
inductive load switching and
diode recovery times")
-
185
ns
Qrr
Reverse recovery charge
-
1.62
µC
IRRM
Reverse recovery current
-
17.5
A
Notes:
(1) Pulse width is limited by safe operating area.
(2) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±250 µA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection, thus eliminating the need for additional external componentry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com