Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD13N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD13N65M2
Description  100% avalanche tested
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STD13N65M2 Datasheet HTML 1Page - STMicroelectronics STD13N65M2 Datasheet HTML 2Page - STMicroelectronics STD13N65M2 Datasheet HTML 3Page - STMicroelectronics STD13N65M2 Datasheet HTML 4Page - STMicroelectronics STD13N65M2 Datasheet HTML 5Page - STMicroelectronics STD13N65M2 Datasheet HTML 6Page - STMicroelectronics STD13N65M2 Datasheet HTML 7Page - STMicroelectronics STD13N65M2 Datasheet HTML 8Page - STMicroelectronics STD13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
December 2014
DocID027324 Rev 1
1/16
STD13N65M2
N-channel 650 V, 0.37
Ω typ., 10 A MDmesh M2
Power MOSFET in a DPAK package
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics, rendering
it suitable for the most demanding high efficiency
converters.
AM15572v1
, TAB
1
3
TAB
2
DPAK
Order code
VDS
RDS(on) max
ID
STD13N65M2
650 V
0.43
Ω
10 A
Table 1. Device summary
Order codes
Marking
Package
Packaging
STD13N65M2
13N65M2
DPAK
Tape and reel
www.st.com


Similar Part No. - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
Fast-recovery body diode
07-Dec-2016
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
Extremely low gate charge
12-Sep-2016
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
More results

Similar Description - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU20N06LTU FAIRCHILD-FQU20N06LTU Datasheet
892Kb / 8P
100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
100% avalanche tested
23-Apr-2015
logo
SemiHow Co.,Ltd.
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
100% Avalanche Tested
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
100% Avalanche Tested
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
100% Avalanche Tested
HRLF180N10K SEMIHOW-HRLF180N10K Datasheet
223Kb / 7P
100% Avalanche Tested
HRLFS90N03K SEMIHOW-HRLFS90N03K Datasheet
232Kb / 7P
100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com