Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63SPB100 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 63SPB100
Description  Power Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

63SPB100 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  63SPB100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63SPB100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63SPB100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 63SPB100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1023, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
63SPB080/A
63SPB100/A
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
80
(63SPB080/A)
Peak Inverse Voltage
VRWM
-
100
(63SPB100/A)
V
Max. Average Forward
IF(AV)
50% duty cycle, rectangular
wave form
60
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
860
A
Non-Repetitive Avalanche
Energy(per leg)
EAS
TJ=25℃,IAS=0.75A,
L=40 mH
11.25
mJ
Repetitive Avalanche
Current(per leg)
IAR
IAS decaying linearly to 0 in
1 μsec Frequency limited
by TJ max. VA=1.5×VR
0.75
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop*
VF1
@ 60A, Pulse, TJ = 25 °C
0.87
V
VF2
@ 60A, Pulse, TJ = 125 °C
0.72
V
Max. Reverse Current (per
leg) *
IR1
@VR = rated VR
TJ = 25 °C
1.0
mA
IR2
@VR = rated VR
TJ = 125 °C
24.0
mA
Max. Junction Capacitance
(per leg)
CJ
@VR = 5V, TC = 25 °C
fSIG = 1MHz
1500
pF
Max. Voltage Rated of
Change
dv/dt
-
10,000
V/μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
0.37
°C/W
Case Style
SPD-2/A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com