Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF43N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF43N60DM2
Description  N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF43N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF43N60DM2 Datasheet HTML 1Page - STMicroelectronics STF43N60DM2 Datasheet HTML 2Page - STMicroelectronics STF43N60DM2 Datasheet HTML 3Page - STMicroelectronics STF43N60DM2 Datasheet HTML 4Page - STMicroelectronics STF43N60DM2 Datasheet HTML 5Page - STMicroelectronics STF43N60DM2 Datasheet HTML 6Page - STMicroelectronics STF43N60DM2 Datasheet HTML 7Page - STMicroelectronics STF43N60DM2 Datasheet HTML 8Page - STMicroelectronics STF43N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2015
DocID026789 Rev 2
1/13
This is information on a product in full production.
www.st.com
STF43N60DM2
N-channel 600 V, 0.085
Ω typ., 34 A MDmesh™ DM2
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
Tjmax.
RDS(on)
max.
ID
PTOT
STF43N60DM2
650 V
0.093 Ω
34 A
40 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF43N60DM2
43N60DM2
TO-220FP
Tube
TO-220FP
1
2
3


Similar Part No. - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF43N60DM2 ISC-STF43N60DM2 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF28N60DM2 STMICROELECTRONICS-STF28N60DM2 Datasheet
717Kb / 12P
N-channel 600 V, 0.13 Ω typ., 21 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
09-Oct-2015
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a D²PAK package
02-Jul-2015
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com