Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP43N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP43N60DM2
Description  Extremely high dv/dt ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP43N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STP43N60DM2 Datasheet HTML 1Page - STMicroelectronics STP43N60DM2 Datasheet HTML 2Page - STMicroelectronics STP43N60DM2 Datasheet HTML 3Page - STMicroelectronics STP43N60DM2 Datasheet HTML 4Page - STMicroelectronics STP43N60DM2 Datasheet HTML 5Page - STMicroelectronics STP43N60DM2 Datasheet HTML 6Page - STMicroelectronics STP43N60DM2 Datasheet HTML 7Page - STMicroelectronics STP43N60DM2 Datasheet HTML 8Page - STMicroelectronics STP43N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2015
DocID026790 Rev 5
1/13
This is information on a product in full production.
www.st.com
STP43N60DM2
N-channel 600 V, 0.085
Ω typ., 34 A MDmesh™ DM2
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax.
RDS(on)
max.
ID
PTOT
STP43N60DM2
650 V
0.093 Ω
34 A
250 W
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STP43N60DM2
43N60DM2
TO-220
Tube


Similar Part No. - STP43N60DM2

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STP432S SAMHOP-STP432S Datasheet
241Kb / 8P
N-Channel Logic Enhancement Mode Field Effect Transistor
STP434S SAMHOP-STP434S Datasheet
232Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - STP43N60DM2

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP18N60DM2 STMICROELECTRONICS-STP18N60DM2 Datasheet
716Kb / 13P
Extremely high dv/dt ruggedness
28-Jan-2016
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
Extremely high dv/dt ruggedness
03-Jul-2015
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
Extremely high dv/dt ruggedness
28-Jan-2016
STW35N60DM2 STMICROELECTRONICS-STW35N60DM2 Datasheet
704Kb / 12P
Extremely high dv/dt ruggedness
02-Sep-2015
STF24N60DM2 STMICROELECTRONICS-STF24N60DM2 Datasheet
821Kb / 13P
Extremely high dv/dt ruggedness
05-Mar-2015
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
Extremely high dv/dt ruggedness
15-Sep-2015
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com