Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3421 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3421
Description  Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3421 Datasheet HTML 17Page - Texas Instruments ADC3421 Datasheet HTML 18Page - Texas Instruments ADC3421 Datasheet HTML 19Page - Texas Instruments ADC3421 Datasheet HTML 20Page - Texas Instruments ADC3421 Datasheet HTML 21Page - Texas Instruments ADC3421 Datasheet HTML 22Page - Texas Instruments ADC3421 Datasheet HTML 23Page - Texas Instruments ADC3421 Datasheet HTML 24Page - Texas Instruments ADC3421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Temperature (°C)
-40
-15
10
35
60
85
83
85
87
89
91
93
95
D823
AVDD = 1.7 V
AVDD = 1.75 V
AVDD = 1.8 V
AVDD = 1.85 V
AVDD = 1.9 V
Temperature (°C)
-40
-15
10
35
60
85
70
70.4
70.8
71.2
71.6
72
D824
AVDD = 1.7 V
AVDD = 1.75 V
AVDD = 1.8 V
AVDD = 1.85 V
AVDD = 1.9 V
Input Common-Mode Voltage (V)
0.85
0.9
0.95
1
1.05
1.1
68
80
70
85
72
90
74
95
76
100
78
105
D821
SNR
SFDR
Input Common-Mode Voltage (V)
0.85
0.9
0.95
1
1.05
1.1
66
78
68
80
70
82
72
84
74
86
76
88
D822
SNR
SFDR
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
69
0
69.5
40
70
80
70.5
120
71
160
71.5
200
72
240
72.5
280
D819
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Amplitude (dBFS)
-70
-60
-50
-40
-30
-20
-10
0
68
0
69
50
70
100
71
150
72
200
73
250
D820
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
ADC3421, ADC3422, ADC3423, ADC3424
www.ti.com
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
Typical Characteristics: ADC3421 (continued)
Typical values are at TA = 25°C, ADC sampling rate = 25 MSPS, 50% clock duty cycle, AVDD = 1.8 V, DVDD = 1.8 V, –1-
dBFS differential input, 2-VPP full-scale, 32k-point FFT, chopper disabled, and SNR reported with a 1-MHz offset from dc
when chopper is disabled and from fS / 2 when chopper is enabled, unless otherwise noted.
Figure 19. Performance vs Input Amplitude (30 MHz)
Figure 20. Performance vs Input Amplitude (170 MHz)
Figure 21. Performance vs Input Common-Mode Voltage
Figure 22. Performance vs Input Common-Mode Voltage
(170 MHz)
(30 MHz)
Figure 23. Spurious-Free Dynamic Range vs
Figure 24. Signal-to-Noise Ratio vs
AVDD Supply and Temperature (30 MHz)
AVDD Supply and Temperature (30 MHz)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC3421 ADC3422 ADC3423 ADC3424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com