Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804LCWMX Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC0804LCWMX
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWMX Datasheet(HTML) 4 Page - Texas Instruments

  ADC0804LCWMX Datasheet HTML 1Page - Texas Instruments ADC0804LCWMX Datasheet HTML 2Page - Texas Instruments ADC0804LCWMX Datasheet HTML 3Page - Texas Instruments ADC0804LCWMX Datasheet HTML 4Page - Texas Instruments ADC0804LCWMX Datasheet HTML 5Page - Texas Instruments ADC0804LCWMX Datasheet HTML 6Page - Texas Instruments ADC0804LCWMX Datasheet HTML 7Page - Texas Instruments ADC0804LCWMX Datasheet HTML 8Page - Texas Instruments ADC0804LCWMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage (VCC)
(3)
6.5
V
Logic control inputs
–0.3
18
Voltage
V
At other input and outputs
–0.3
(VCC +0.3)
Dual-In-Line Package (plastic
260
Lead Temperature
Dual-In-Line Package (ceramic)
300
(Soldering, 10
Surface Mount Package Vapor Phase (60 seconds)
215
°C
seconds)
Infrared (15 seconds)
220
Storage Temperature
–65
150
Package Dissipation at TA = 25°C
875
mW
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Sales Office/Distributors for availability and specifications.
(3)
A Zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±800
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
4.5
5
5.5
V
Analog Input Voltage
GND – 0.05
VCC + 0.05
VDC
6.4 Thermal Information
ADC080x
ADC0802,
ADC0804
THERMAL METRIC(1)
UNIT
NFH (PDIP)
DW (SOIC)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
38.5
63.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.4
27.2
°C/W
RθJB
Junction-to-board thermal resistance
19.5
31.8
°C/W
ψJT
Junction-to-top characterization parameter
8.7
5.7
°C/W
ψJB
Junction-to-board characterization parameter
19.4
31.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com