Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35B32 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M35B32
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M35B32 Datasheet HTML 8Page - STMicroelectronics M35B32 Datasheet HTML 9Page - STMicroelectronics M35B32 Datasheet HTML 10Page - STMicroelectronics M35B32 Datasheet HTML 11Page - STMicroelectronics M35B32 Datasheet HTML 12Page - STMicroelectronics M35B32 Datasheet HTML 13Page - STMicroelectronics M35B32 Datasheet HTML 14Page - STMicroelectronics M35B32 Datasheet HTML 15Page - STMicroelectronics M35B32 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Operating features
M35B32
12/44
DocID18391 Rev 4
4
Operating features
4.1
An easy way to modify data
The Page Write (PW) instruction provides a convenient way of modifying data (1 up to 256
contiguous bytes at a time), and simply requires the start address, and the new data in the
instruction sequence.
4.2
A fast way to store data
The Page Program (PP) instruction provides a fast way of modifying the data (1 up to 256
contiguous bytes at a time) in the Event sector, provided that these data bytes were erased
(by the completion of an earlier Page Erase instruction).
When addressing the Event sector (Sector 0, see Figure 5), the Page Program instruction is
executed in a very short time (tFP, see Table 11), that is about 5 times faster than when
executing a Page Program (or Page Write) instruction in the Data sector.
To be correctly used, the Event sector has to be first erased. When an event occurs, data
are programmed in the Event sector within a fast time. Later on, when the device receives
less requests from the application, the contents of the Event sector can be copied/written
into the Data sector (to benefit from the standard data retention time of 40 years), after what
the Event sector content can be erased (using only one instruction: the Sector Erase
instruction).
4.3
Polling during a write, program or erase cycle
A further improvement in the write, program or erase time can be achieved by not waiting for
the worst case delay (tPW, tPP, tPE, or tSE). The write in progress (WIP) bit is provided in the
Status Register so that the application program can monitor its value, polling it to establish
when the previous cycle is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com