Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93S46-W Datasheet(PDF) 4 Page - STMicroelectronics

Part # M93S46-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-W Datasheet(HTML) 4 Page - STMicroelectronics

  M93S46-W Datasheet HTML 1Page - STMicroelectronics M93S46-W Datasheet HTML 2Page - STMicroelectronics M93S46-W Datasheet HTML 3Page - STMicroelectronics M93S46-W Datasheet HTML 4Page - STMicroelectronics M93S46-W Datasheet HTML 5Page - STMicroelectronics M93S46-W Datasheet HTML 6Page - STMicroelectronics M93S46-W Datasheet HTML 7Page - STMicroelectronics M93S46-W Datasheet HTML 8Page - STMicroelectronics M93S46-W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
List of figures
M93S46-W M93S56-W M93S66-W
4/32
DocID5124 Rev 7
List of figures
Figure 1: Logic diagram ..............................................................................................................................5
Figure 2: 8-pin package connections..........................................................................................................5
Figure 3: Write sequence with one clock glitch ..........................................................................................9
Figure 4: READ sequence ........................................................................................................................12
Figure 5: WRITE sequence ......................................................................................................................13
Figure 6: WEN and WDS sequences .......................................................................................................13
Figure 7: PAWRITE sequence..................................................................................................................15
Figure 8: WRAL sequence........................................................................................................................15
Figure 9: PREAD sequence......................................................................................................................18
Figure 10: PRWRITE sequence ...............................................................................................................18
Figure 11: PREN sequence ......................................................................................................................19
Figure 12: PRCLEAR sequence ...............................................................................................................19
Figure 13: PRDS sequence ......................................................................................................................20
Figure 14: AC test measurement I/O waveform .......................................................................................23
Figure 15: Synchronous timing (start and op-code input).........................................................................25
Figure 16: Synchronous timing (read or write) .........................................................................................26
Figure 17: Synchronous timing (read or write) .........................................................................................26
Figure 18: SO8N – 8-lead plastic small outline 150 mils body width, package outline ............................27
Figure 19: PDIP8 – 8-pin plastic DIP, 0.25 mm lead frame, package outline ..........................................28
Figure 20: TSSOP8 - 8-lead thin shrink small outline, package outline ...................................................29
Figure 21: Ordering information scheme ..................................................................................................30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com