Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39015J28R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39015J28R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015J28R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39015J28R Datasheet HTML 1Page - STMicroelectronics LD39015J28R Datasheet HTML 2Page - STMicroelectronics LD39015J28R Datasheet HTML 3Page - STMicroelectronics LD39015J28R Datasheet HTML 4Page - STMicroelectronics LD39015J28R Datasheet HTML 5Page - STMicroelectronics LD39015J28R Datasheet HTML 6Page - STMicroelectronics LD39015J28R Datasheet HTML 7Page - STMicroelectronics LD39015J28R Datasheet HTML 8Page - STMicroelectronics LD39015J28R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
January 2014
DocID15968 Rev 4
1/16
LD39015J
150 mA low quiescent current low noise voltage regulator
Datasheet
- production data
Features
• Input voltage from 1.5 to 5.5 V
• Ultra low dropout voltage (90 mV typ. at 100
mA load)
• Very low quiescent current (20 µA typ. at no
load, 35 µA typ. at 150 mA load, 1 µA max in off
mode)
• Low noise (54 µVRMS from 10 Hz to 100 kHz at
VOUT = 1.8 V)
• Output voltage tolerance: ± 2.0% @ 25 °C
• 150 mA guaranteed output current
• Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current and thermal limit
• Flip-chip 4 bumps 1.1 x 1.1 mm.
• Temperature range: -40 °C to 125 °C
Description
The LD39015J provides 150 mA maximum
current from an input voltage ranging from 1.5 V
to 5.5 V with a typical dropout voltage of 90 mV. It
is stable with ceramic capacitor. The ultra low
drop-voltage, low quiescent current and low noise
features make it suitable for low power battery
powered applications. Power supply rejection is
74 dB at low frequencies and starts to roll off at 10
kHz. Enable logic control function puts the
LD39015J in shut-down mode allowing a total
current consumption lower than 1 µA. The device
also includes a short-circuit constant current
limiting and thermal protection. Typical
applications are mobile phones, personal digital
assistant (PDAs), cordless phone and similar
battery powered systems.
Flip-chip 4
Table 1. Device summary
Order codes
Output voltages
LD39015J12R
1.2 V
LD39015J15R
1.5 V
LD39015J18R
1.8 V
LD39015J25R
2.5 V
LD39015J28R
2.8 V
www.st.com


Similar Part No. - LD39015J28R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015J28R STMICROELECTRONICS-LD39015J28R Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
More results

Similar Description - LD39015J28R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
500 mA low quiescent current and low noise voltage regulator
26-Oct-2015
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com