Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93S66-W Datasheet(PDF) 13 Page - STMicroelectronics

Part # M93S66-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-W Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M93S66-W Datasheet HTML 9Page - STMicroelectronics M93S66-W Datasheet HTML 10Page - STMicroelectronics M93S66-W Datasheet HTML 11Page - STMicroelectronics M93S66-W Datasheet HTML 12Page - STMicroelectronics M93S66-W Datasheet HTML 13Page - STMicroelectronics M93S66-W Datasheet HTML 14Page - STMicroelectronics M93S66-W Datasheet HTML 15Page - STMicroelectronics M93S66-W Datasheet HTML 16Page - STMicroelectronics M93S66-W Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
M93S46-W M93S56-W M93S66-W
Instructions
DocID5124 Rev 7
13/32
1.
For the meanings of An and Qn, see Table 2: "Instruction set for the M93S46" and
Table 3: "Instruction set for the M93S66, M93S56".
Figure 5: WRITE sequence
1.
For the meanings of An and Dn, see Table 2: "Instruction set for the M93S46" and
Table 3: "Instruction set for the M93S66, M93S56".
Figure 6: WEN and WDS sequences
1.
For the meanings of Xn, see Table 2: "Instruction set for the M93S46" and Table 3:
"Instruction set for the M93S66, M93S56".
5.3
Write to memory array (WRITE)
The Write Data to Memory instruction is composed of the Start bit plus the op-code
followed by the address and the 16 data bits to be written.
Write Enable (W) must be held High before and during the instruction. Input address and
data, on Serial Data Input (D) are sampled on the rising edge of Serial Clock (C).
MSv36052V1
S
WRITE
1 0
An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
CHECK
STATUS
ADDR
PRE
W
MSv36053V1
S
WRITE
ENABLE
1
0
Xn X0
D
OP
CODE
1
0
1
S
WRITE
DISABLE
1
0
Xn X0
D
OP
CODE
0
0
0
PRE
W
PRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com