Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS247Z Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS247Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS247Z Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS247Z Datasheet HTML 1Page - Infineon Technologies AG BTS247Z Datasheet HTML 2Page - Infineon Technologies AG BTS247Z Datasheet HTML 3Page - Infineon Technologies AG BTS247Z Datasheet HTML 4Page - Infineon Technologies AG BTS247Z Datasheet HTML 5Page - Infineon Technologies AG BTS247Z Datasheet HTML 6Page - Infineon Technologies AG BTS247Z Datasheet HTML 7Page - Infineon Technologies AG BTS247Z Datasheet HTML 8Page - Infineon Technologies AG BTS247Z Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2000-05-17
1
BTS 247 Z
Speed TEMPFET
 N-Channel
 Enhancement mode
 Logic Level Input
 Analog driving possible
 Fast switching up to 1 MHz
 Potential-free temperature sensor with
thyristor characteristics
 Overtemperature protection
 Avalanche rated
VPT05166
1
5
Type
VDS
RDS(on)
Package
Ordering Code
BTS 247 Z
55 V
18 m

P-TO220-5-3
Q67060-S6001-A2
P-TO220-5-62
Q67060-S6002-A2
TO-220-5-43
Q67060-S6006
Temperature
Sensor
G Pin 1
A Pin 2
D Pin 3 and TAB
K Pin 4
S Pin 5
Pin
Symbol
Function
1
G
Gate
2
A
Anode Temperature Sensor
3
D
Drain
4
K
Cathode Temperature Sensor
5
S
Source


Similar Part No. - BTS247Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS247Z INFINEON-BTS247Z Datasheet
269Kb / 13P
Enhancement mode
Rev.1.4, 2013-07-26
BTS247Z INFINEON-BTS247Z_09 Datasheet
312Kb / 14P
Speed TEMPFET
Rev.1.3, 2009-12-04
BTS247Z INFINEON-BTS247Z_13 Datasheet
269Kb / 13P
Enhancement mode
Rev.1.4, 2013-07-26
More results

Similar Description - BTS247Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS113A SIEMENS-BTS113A Datasheet
309Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS115A SIEMENS-BTS115A Datasheet
307Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS121A SIEMENS-BTS121A Datasheet
324Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS132 SIEMENS-BTS132 Datasheet
289Kb / 9P
TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS113A INFINEON-BTS113A Datasheet
548Kb / 10P
TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS115A INFINEON-BTS115A Datasheet
546Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS131 INFINEON-BTS131 Datasheet
525Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
BTS244Z INFINEON-BTS244Z Datasheet
274Kb / 12P
Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-05-17
BTS282Z INFINEON-BTS282Z Datasheet
270Kb / 12P
Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-09-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com