Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS282Z Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS282Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS282Z Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS282Z Datasheet HTML 4Page - Infineon Technologies AG BTS282Z Datasheet HTML 5Page - Infineon Technologies AG BTS282Z Datasheet HTML 6Page - Infineon Technologies AG BTS282Z Datasheet HTML 7Page - Infineon Technologies AG BTS282Z Datasheet HTML 8Page - Infineon Technologies AG BTS282Z Datasheet HTML 9Page - Infineon Technologies AG BTS282Z Datasheet HTML 10Page - Infineon Technologies AG BTS282Z Datasheet HTML 11Page - Infineon Technologies AG BTS282Z Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2000-09-11
8
BTS 282 Z
5 Safe operating area
ID=f(VDS); D=0.01; TC=25°C; VGS=4.5V
10
0
10
1
10
2
V
VDS
0
10
1
10
2
10
3
10
A
30µs
Rdson=Vds/Id
DC
100ms
10ms
1ms
100µs
6 Typ. output characteristic
ID = f(VDS); Tj=25°C
Parameter: VGS
0
1
2
V
4
VDS
0
20
40
60
80
100
120
140
160
A
200
3V
3.5V
4V
4.5V
5V
6V
7V
10V
7 On-state resistance
RON = f(Tj); ID=36A; VGS = 4.5V
-50
-25
0
25
50
75
100 125 °C
175
Tj
0
2
4
6
8
10
12
14
16
m

20
typ.
max.
8 On-state resistance
RON = f(Tj); ID=36A; VGS = 10V
-50
-25
0
25
50
75
100 125 °C
175
Tj
0
2
4
6
8
10
m

14
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com