Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS307 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS307
Description  Smart Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS307 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS307 Datasheet HTML 1Page - Infineon Technologies AG BTS307 Datasheet HTML 2Page - Infineon Technologies AG BTS307 Datasheet HTML 3Page - Infineon Technologies AG BTS307 Datasheet HTML 4Page - Infineon Technologies AG BTS307 Datasheet HTML 5Page - Infineon Technologies AG BTS307 Datasheet HTML 6Page - Infineon Technologies AG BTS307 Datasheet HTML 7Page - Infineon Technologies AG BTS307 Datasheet HTML 8Page - Infineon Technologies AG BTS307 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTS 307
Semiconductor Group
3
2003-Oct-01
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to 5)
IL = 2 A, Vbb = 24 V
Tj=25 °C:
Tj=150 °C:
RON
--
220
390
250
500
m
Ω
Nominal load current, ISO Norm (pin 3 to 5)
VON = 0.5 V, TC = 85 °C
IL(ISO)
1.4
1.7
--
A
Output current (pin 5) while GND disconnected or
GND pulled up, Vbb=32 V, VIN= 0, see diagram
page 6
IL(GNDhigh)
--
--
1.1
mA
Turn-on time to 90% VOUT:
Turn-off time to 10% VOUT:
RL = 12
Ω, Vbb = 20V, Tj =-40...+150°C
ton
toff
15
20
--
--
80
70
µs
Slew rate on, 10 to 30% VOUT,
RL = 12
Ω, V
bb = 20V, T
j =-40...+150°C
dV /dton
--
--
6
V/
µs
Slew rate off, 10 to 30% VOUT,
RL = 12
Ω, V
bb = 20V, T
j =-40...+150°C
-dV/dtoff
--
--
7
V/
µs
Operating Parameters
Operating voltage
3
)
Tj =-40...+150°C: Vbb(on)
5.8
--
58
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
2.7
--
4.7
V
Undervoltage restart
Tj =-40...+150°C: Vbb(u rst)
--
--
4.9
V
Undervoltage restart of charge pump
see diagram page 10
Tj =-40...+150°C:
Vbb(ucp)
--
5.6
7.5
V
Undervoltage hysteresis
∆V
bb(under) = Vbb(u rst) - Vbb(under)
∆V
bb(under)
--
0.4
--
V
Overvoltage protection
4)
Tj =-40...+150°C:
Ibb=40 mA
Vbb(AZ)
65
70
--
V
Standby current (pin 3),
VIN=0
Tj=-40...+150°C:
Ibb(off)
--
10
50
µA
Operating current (Pin 1)
5
), VIN=5 V
IGND
--
2.2
--
mA
3
)
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
4
)
See also VON(CL) in table of protection functions and circuit diagram page 6.
5
)
Add IST, if IST > 0, add IIN, if VIN>5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com