Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEA05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SEA05
Description  Advanced constant voltage and constant current controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SEA05 Datasheet HTML 2Page - STMicroelectronics SEA05 Datasheet HTML 3Page - STMicroelectronics SEA05 Datasheet HTML 4Page - STMicroelectronics SEA05 Datasheet HTML 5Page - STMicroelectronics SEA05 Datasheet HTML 6Page - STMicroelectronics SEA05 Datasheet HTML 7Page - STMicroelectronics SEA05 Datasheet HTML 8Page - STMicroelectronics SEA05 Datasheet HTML 9Page - STMicroelectronics SEA05 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Voltage and current control
SEA05
6/10
Doc ID 17014 Rev 1
6
Voltage and current control
6.1
Voltage control
The voltage loop is controlled via a first transconductance operational amplifier, the voltage
divider R1, R2, and the optocoupler which is directly connected to the output. Its possible to
choose the values of R1 and R2 resistors using Equation 1-2:
Equation 1
Equation 2
where Vo is the desired output voltage.
As an example, with R1 = 100 k
Ω and R2 = 15 kΩ Vo = 19.17 V
6.2
Current control
The current loop is controlled via the second trans-conductance operational amplifier, the
sense resistor Rsense, and the optocoupler. The control equation verifies:
Equation 3
Equation 4
where Iomax is the desired limited current, and Vcsth is the threshold voltage for the current
control loop.
As an example, with Iomax = 1 A, Vcsth = 50 mV, then Rsense = 50 m Ω.
Note that the Rsense resistor should be chosen taking into account the maximum dissipation
(Plim) through it during full load operation.
Equation 5
As an example, with Iomax = 1 A, and Vcsth = 50 mV, Plim = 50 mW.
Therefore, for most adaptor and battery charger applications, it is suitable a low power
resistor to make the current sensing function.
2
2
1
o
R
)
R
R
(
Vctrl
V
+
=
Vctrl
)
Vctrl
V
(
R
R
O
2
1
=
Vcsth
I
R
max
o
sense
=
max
o
sense
I
Vcsth
R
=
P
Lim
V
csth
l
omax
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com