Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30L3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 23Page - STMicroelectronics SPC560D30L3 Datasheet HTML 24Page - STMicroelectronics SPC560D30L3 Datasheet HTML 25Page - STMicroelectronics SPC560D30L3 Datasheet HTML 26Page - STMicroelectronics SPC560D30L3 Datasheet HTML 27Page - STMicroelectronics SPC560D30L3 Datasheet HTML 28Page - STMicroelectronics SPC560D30L3 Datasheet HTML 29Page - STMicroelectronics SPC560D30L3 Datasheet HTML 30Page - STMicroelectronics SPC560D30L3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
SPC560D30x, SPC56040Dx
Package pinouts and signal descriptions
Doc ID 16315 Rev 7
27/90
PH[9](6) PCR[121]
AF0
AF1
AF2
AF3
GPIO[121]
—
TCK
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input, weak
pull-up
60
88
PH[10](6
)
PCR[122]
AF0
AF1
AF2
AF3
GPIO[122]
—
TMS
—
SIUL
—
JTAGC
—
I/O
—
I
—
S
Input, weak
pull-up
53
81
1.
Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00
 AF0;
PCR.PA = 01
 AF1; PCR.PA = 10  AF2; PCR.PA = 11  AF3. This is intended to select the output functions; to use
one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields.
For this reason, the value corresponding to an input only function is reported as “—”.
2.
Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the
values of the PSMIO.PADSELx bitfields inside the SIUL module.
3.
All WKPU pins also support external interrupt capability. See “wakeup unit” chapter of the device reference manual for
further details.
4.
NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
5.
“Not applicable” because these functions are available only while the device is booting. Refer to “BAM” chapter of the
device reference manual for details.
6.
Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
If the user configures these JTAG pins in GPIO mode the device is no longer compliant with IEEE 1149.1 2001.
Table 6.
Functional port pin descriptions (continued)
Port pin
PCR
Alternate
function(1)
Function
Peripheral
I/O
direction
(2)
Pad
type
Pin number
LQFP64
LQFP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com