Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR320S-2 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 105Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 106Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 107Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 108Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 109Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 110Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 111Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 112Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 109 / 113 page
background image
SPEAr320S
Acronyms
Doc ID 022508 Rev 2
109/113
LSB
Least significant bit
MAC
Media access control
MB
Mega bytes
MCU
Microcontroller unit
MD5
Message digest 5
MII
Media independent interface
MMU
Memory management unit
MSB
Most significant bit
PHY
Physical (device, transceiver, layer)
PLL
Phase locked loop
PWM
Pulse width modulation
RAM
Random access memory
RAS
Reconfigurable array subsystem
RF
Radio frequency
RFU
Reserved for future use
RISC
Reduced instruction set computing
RMII
Reduced media independent interface
ROM
Read only memory
RTC
Real-time clock
RTOS
Real-time operating system
RX
Receive
SHA-1
Secure hash algorithm
SMI
Serial memory interface
SoC
System-on-chip
SPI
Serial peripheral interface
SPP
Standard parallel port
SRAM
Static RAM
SSP
Synchronous serial port
SW
Software
TCM
Tightly coupled memory
TFT
Thin film transistor, a display technology
TX
Transmit
UART
Universal asynchronous receiver transmitter
USB
Universal serial bus
Table 84.
List of acronyms (continued)
Acronym
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com