Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR320S-2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 31Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 32Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
29/113
3
Pin description
This chapter provides a full description of the ball characteristics and the signal multiplexing
of SPEAr320S device.
Section 3.1 shows the pin/ball map of SPEAr320S.
Section 3.2 lists the required external components to connect.
Section 3.3 describes some dedicated pins, such as:
Clock, reset and 3V3 comparator pins
Power supply pins
Debug pins
Non-multiplexed pins
Section 3.4 provides a complete description of the shared IO pins (PL_GPIOs) and their
configuration modes, as well as detailed information on all multiplexed signals, grouped by
IP.
Section 3.5 explains the available debug modes.
The following table defines the table headers and abbreviations used in this chapter.
Table 5.
Headers/abbreviations
Header
Description
Abbreviations
Group
Grouping of signals of the same type/functional block. –
Signal name
Name of signal multiplexed on each ball.
Direction (Dir.)
Indicates the direction of the signal.
I= Input
O= Output
IO= Input/output
PL_GPIO_# /Ball
PL_GPIO and ball number associated with each
signal on the package.
Configuration mode
Indicates the available configuration mode among the
following ones:
– Mode 1
– Mode 2
– Mode 3
– Mode 4
– Alternate function
– Extended mode
See Section 3.4.2 for the description of each mode.
Pin type
Pad type information
PU= Pull Up
PD= Pull Down
GND= Ground
Value
Indicates the electrical value on the ball.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com