Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC Datasheet(PDF) 4 Page - XP Power Limited

Part # SDC
Description  High Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDC Datasheet(HTML) 4 Page - XP Power Limited

  SDC Datasheet HTML 1Page - XP Power Limited SDC Datasheet HTML 2Page - XP Power Limited SDC Datasheet HTML 3Page - XP Power Limited SDC Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
26-Sept-13
4.00 (101.60)
3.00 (76.20)
0.50 (12.70)
4.00 (101.60)
1.00 (25.40)
1.55 (39.30)
6.00 (152.40)
1.00 (25.40)
1.00 (25.40)
4.00 (101.60)
Standard Terminal Block, M3.5 Screw 7 Pins 9.5 mm Center
Option ‘D’
Mating Connector: JST connector housings
VHR10N, VHR5N, crimp terminals SVH41T-P1.1
A
A
A
A
CN2
CN1
FAN
A
A
B
A Mounting hole
6 places M3 x 0.5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 1
PIN 3
PIN 5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
FAN
+ -
For SDC320P
CN1
CN1
FAN
FAN
FAN
+ -
For SDC320A
Voltage
Trim
UChannel with cover (‘ C’ Option)
SDC320
Mechanical Details
Signal Connector mating part is JST XHP-3 for SDC320A, JST XHP-4 for SDC320P
Fan Connector mating part is JST XHP-2, Crimp terminals SXH-002T-P0.6
All dimensions are in inches (mm)
Max screw terminal torque: 15.7 lbs-in (1.8 Nm)
Weight: 720 g (1.59 lbs)
Max screw mount hole penetration : 0.16 (4.0)
Tolerance: ±0.012 in (±0.3 mm)
Remote On / Off
Fan Fail
PG
CN1
+5 V
1 K
RTN
POWER NOT GOOD
POWER GOOD
INH
CN1
PSU
RTN
OUTPUT OFF (0V or short)
OUTPUT ON
(5V or open)
Application Notes
FF
CN1
RTN
FAN OK
FAN FAILED
Sink current = 6 mA
Source current = 1 mA
Open collector signal can pull up to 5-28 VDC,
limit sink current to 5 mA max
Note:
1. Applying <0.3 V or short between the pins turns the output OFF.
2. Applying >4.5 V or open circuit between the pins turns output ON.
(On SDC320P models only)
PIN CONNECTIONS
Pin
Standard
JST (Option D)
Single
Dual
Single
Dual
1
Vout
Vout1
Vout
Vout1
2
Vout
Rtn
Vout
Vout1
3
Rtn
Rtn
Vout
Vout1
4
Rtn
Vout2
Vout
Rtn
5
Ground
Ground
Vout
Rtn
6
Neutral
Neutral
Rtn
Rtn
7
Live
Live
Rtn
Rtn
8
Rtn
Rtn
9
Rtn
Vout2
10
Rtn
Vout2
1
Ground
Ground
3
Neutral
Neutral
5
Live
Live
Power Good



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com