Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60C Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS20L60C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPS20L60C Datasheet HTML 2Page - STMicroelectronics STPS20L60C Datasheet HTML 3Page - STMicroelectronics STPS20L60C Datasheet HTML 4Page - STMicroelectronics STPS20L60C Datasheet HTML 5Page - STMicroelectronics STPS20L60C Datasheet HTML 6Page - STMicroelectronics STPS20L60C Datasheet HTML 7Page - STMicroelectronics STPS20L60C Datasheet HTML 8Page - STMicroelectronics STPS20L60C Datasheet HTML 9Page - STMicroelectronics STPS20L60C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STPS20L60C
6/10
DocID6427 Rev 4
Devices in I2PAK with nickel-plated back frame must NOT be mounted by frame soldering
like SMDs. Such devices are intended to be through-hole mounted ONLY and in no
circumstances shall ST be held liable for any lack of performance or damage arising out of
soldering of nickel-plated back frames.
Table 6. I2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.044
0.067
c
0.49
0.70
0.019
0.028
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.195
0.203
E
10
10.40
0.394
0.409
L
13
14
0.512
0.551
L1
3.50
3.93
0.138
0.155
L2
1.27
1.40
0.050
0.055
E
L2
L1
b1
D
A1
c
c2
A
b
e
e1
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com