Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS40L15CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS40L15CW
Description  Low drop OR-ing power Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L15CW Datasheet(HTML) 2 Page - STMicroelectronics

  STPS40L15CW Datasheet HTML 1Page - STMicroelectronics STPS40L15CW Datasheet HTML 2Page - STMicroelectronics STPS40L15CW Datasheet HTML 3Page - STMicroelectronics STPS40L15CW Datasheet HTML 4Page - STMicroelectronics STPS40L15CW Datasheet HTML 5Page - STMicroelectronics STPS40L15CW Datasheet HTML 6Page - STMicroelectronics STPS40L15CW Datasheet HTML 7Page - STMicroelectronics STPS40L15CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS40L15C
2/8
Doc ID 4926 Rev 6
1
Characteristics
To evaluate the conduction losses use the following equation :
P = 0.18 x IF(AV) + 0.008 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS) Forward current rms
30
A
IF(AV)
Average forward current
Tcase = 140 °C
δ = 1
Total
40
A
Per diode
20
IFSM
Surge non repetitive forward
current
tp = 10 m, Sinusoidal
310
A
IRRM
Peak repetitive reverse current
tp = 2 µs, F= 1 kHz
2
A
IRSM
Non repetitive peak reverse current tp = 100 µs
3
A
PARM
Repetitive peak avalanche power
tp = 1µs, Tj = 25 °C
13140
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
125
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
0.85
Rth (c)
Coupling
0.1
°C/W
Table 4.
Static electrical characteristics (Per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test : tp = 380 µs, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
6
mA
Tj = 100 °C
200
500
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 19 A
0.41
V
Tj = 25 °C
IF = 40 A
0.52
Tj = 125 °C
IF = 19 A
0.28
0.33
Tj = 125 °C
IF = 40 A
0.42
0.50
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com