Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS3170UF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3170UF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170UF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3170UF Datasheet HTML 1Page - STMicroelectronics STPS3170UF Datasheet HTML 2Page - STMicroelectronics STPS3170UF Datasheet HTML 3Page - STMicroelectronics STPS3170UF Datasheet HTML 4Page - STMicroelectronics STPS3170UF Datasheet HTML 5Page - STMicroelectronics STPS3170UF Datasheet HTML 6Page - STMicroelectronics STPS3170UF Datasheet HTML 7Page - STMicroelectronics STPS3170UF Datasheet HTML 8Page - STMicroelectronics STPS3170UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2014
DocID027020 Rev1
1/10
10
STPS3170
Power Schottky rectifier
Datasheet
− production data
Features
• Negligible switching losses
• High junction temperature capability
• Very small conduction losses
• Low leakage current
• Avalanche rated
• ECOPACK® compliant component
• Tj = -40 °C minimum operating
Description
The STPS3170 is a 170 V Schottky rectifier suited
for switch mode power supplies and high
frequency DC to DC converters.
Packaged in SMAflat and SMBflat, this device is
especially intended for use in low voltage, high
frequency inverters, freewheeling and polarity
protection. Also ideal for all LED lighting
applications where efficiency and space
constraint are required.
Table 1. Device summary
Symbol
Value
IF(AV)
3 A
VRRM
170 V
VF (typ)
0.63 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPS3170UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3170 STMICROELECTRONICS-STPS3170 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
More results

Similar Description - STPS3170UF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com