Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS441RG Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Highside Power Switch One Channel: 20m??Status Feedback
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG BTS441RG Datasheet HTML 11Page - Infineon Technologies AG BTS441RG Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTS 441 R
Infineon Technologies AG
10
2003-Oct-01
Timing diagrams
Figure 1a: Vbb turn on:
OUT
V
V bb
t
ST open drain
IN
proper turn on under all conditions
Figure 2a: Switching a resistive load,
turn-on/off time and slew rate definition:
IN
t
V
OUT
I
L
t
t
on
off
90%
dV/dton
dV/dtoff
10%
Figure 2b: Switching a lamp,
IN
ST
OUT
L
t
V
I
Figure 3a: Short circuit
shut down by overtemperature, reset by cooling
other channel: normal operation
t
I
ST
IN
L
L(SCr)
I
I
L(lim)
toff(SC)
Heating up may require several milliseconds, depending on
external conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com