Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS214 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 17 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments HD3SS214 Datasheet HTML 17Page - Texas Instruments HD3SS214 Datasheet HTML 18Page - Texas Instruments HD3SS214 Datasheet HTML 19Page - Texas Instruments HD3SS214 Datasheet HTML 20Page - Texas Instruments HD3SS214 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
Layout Guidelines (continued)
11.1.2 Differential Traces
Guidelines for routing PCB traces are necessary when trying to maintain signal integrity and lower EMI. Although
there seems to be an endless number of precautions to be taken, this section provides only a few main
recommendations as layout guidance.
1. Reduce intra-pair skew in a differential trace by introducing small meandering corrections at the point of
mismatch.
2. Reduce inter-pair skew, caused by component placement and IC pinouts, by making larger meandering
correction along the signal path. Use chamfered corners with a length-to-trace width ratio of between 3 and
5. The distance between bends should be 8 to 10 times the trace width.
3. Use 45 degree bends (chamfered corners), instead of right-angle (90°) bends. Right-angle bends increase
the effective trace width, which changes the differential trace impedance creating large discontinuities. A 45o
bends is seen as a smaller discontinuity.
4. When routing around an object, route both trace of a pair in parallel. Splitting the traces changes the line-to-
line spacing, thus causing the differential impedance to change and discontinuities to occur.
5. Place passive components within the signal path, such as source-matching resistors or ac-coupling
capacitors, next to each other. Routing as in case a) creates wider trace spacing than in b), the resulting
discontinuity, however, is limited to a far narrower area.
6. When routing traces next to a via or between an array of vias, make sure that the via clearance section does
not interrupt the path of the return current on the ground plane below.
7. Avoid metal layers and traces underneath or between the pads off the DisplayPort connectors for better
impedance matching. Otherwise they will cause the differential impedance to drop below 75
Ω and fail the
board during TDR testing.
8. Use the smallest size possible for signal trace vias and DisplayPort connector pads as they have less impact
on the 100
Ω differential impedance. Large vias and pads can cause the impedance to drop below 85 Ω.
9. Use solid power and ground planes for 100
Ω impedance control and minimum power noise.
10. For 100
Ω differential impedance, use the smallest trace spacing possible, which is usually specified by the
PCB vendor.
11. Keep the trace length between the DisplayPort connector and the DisplayPort device as short as possible to
minimize attenuation.
12. Use good DisplayPort connectors whose impedances meet the specifications.
13. Place bulk capacitors (for example, 10
μF) close to power sources, such as voltage regulators or where the
power is supplied to the PCB.
14. Place smaller 0.1
μF or 0.01 μF capacitors at the device.
11.2 Layout Example
Figure 10. Skew Seduction via Meandering Using Chamfered Corners
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com