Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS707 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS707 Datasheet HTML 1Page - Infineon Technologies AG BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTS 707
Semiconductor Group
2
2003-Oct-01
Block diagram
IN1
ST1
ESD
Logic
Voltage
sensor
Voltage
source
Open load
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Gate
protection
Current
limit
3
4
VLogic
Overvoltage
protection
Signal-
GND1
1
Chip 1
Chip 1
IN2
ST2
PROFET
7
8
6
Leadframe connected to pin 1, 10, 11, 12, 15, 16, 19, 20
Signal-
GND2
Chip 2
Chip 2
+ Vbb
OUT1
Leadframe
17,18
Load GND
Load
+ Vbb
OUT2
Leadframe
13,14
Load GND
Load
Logic and protection circuit of chip 2
(equivalent to chip 1)
Limit for
ind. loads
unclamped
Short circuit
detection
GND
GND
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
65
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
40
V
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com