Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574N Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574N
Description  Remote 8-Bit I/O Expander for I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574N Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCF8574N Datasheet HTML 9Page - Texas Instruments PCF8574N Datasheet HTML 10Page - Texas Instruments PCF8574N Datasheet HTML 11Page - Texas Instruments PCF8574N Datasheet HTML 12Page - Texas Instruments PCF8574N Datasheet HTML 13Page - Texas Instruments PCF8574N Datasheet HTML 14Page - Texas Instruments PCF8574N Datasheet HTML 15Page - Texas Instruments PCF8574N Datasheet HTML 16Page - Texas Instruments PCF8574N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
A
A
S
0
1
0
0
A1
A2
A0
0
Start
Condition
ACK
From Slave
ACK
From Slave
Data
Data
Slave Address
R/W
P7
P6
1
P0
P7
P0
A
Integral Multiples of Two Bytes
P5
tpv
IOHT
tir
SCL
SDA
Write to
Port
Data Output
Voltage
P5 Output
Voltage
P5 Pullup
Output
Current
INT
ACK
From Slave
Data A0
and B0
Valid
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
IOH
PCF8574
www.ti.com
SCPS068I – JULY 2001 – REVISED NOVEMBER 2015
8.3.3 Address Reference
INPUTS
I2C BUS SLAVE
I2C BUS SLAVE 8-BIT
8-BIT WRITE
READ ADDRESS
A2
A1
A0
ADDRESS
65 (decimal), 41
64 (decimal), 40
L
L
L
(hexadecimal)
(hexadecimal)
67 (decimal), 43
66 (decimal), 42
L
L
H
(hexadecimal)
(hexadecimal)
69 (decimal), 45
68 (decimal), 44
L
H
L
(hexadecimal)
(hexadecimal)
71 (decimal), 47
70 (decimal), 46
L
H
H
(hexadecimal)
(hexadecimal)
73 (decimal), 49
72 (decimal), 48
H
L
L
(hexadecimal)
(hexadecimal)
75 (decimal), 4B
74 (decimal), 4A
H
L
H
(hexadecimal)
(hexadecimal)
77 (decimal), 4D
76 (decimal), 4C
H
H
L
(hexadecimal)
(hexadecimal)
79 (decimal), 4F
78 (decimal), 4E
H
H
H
(hexadecimal)
(hexadecimal)
8.4 Device Functional Modes
Figure 16 and Figure 17 show the address and timing diagrams for the write and read modes, respectively.
Figure 16. Write Mode (Output)
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com