Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C165 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # C165
Description  16-Bit Single-Chip Microcontroller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C165 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button C165 Datasheet HTML 35Page - Infineon Technologies AG C165 Datasheet HTML 36Page - Infineon Technologies AG C165 Datasheet HTML 37Page - Infineon Technologies AG C165 Datasheet HTML 38Page - Infineon Technologies AG C165 Datasheet HTML 39Page - Infineon Technologies AG C165 Datasheet HTML 40Page - Infineon Technologies AG C165 Datasheet HTML 41Page - Infineon Technologies AG C165 Datasheet HTML 42Page - Infineon Technologies AG C165 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
C165
Data Sheet
35
V2.0, 2000-12
RSTIN active current4)
IRSTL
6)
-100
–
µA
VIN = VIL
READY/RD/WR inact. current7)
IRWH
5)
–- 40
µA
VOUT = 2.4 V
READY/RD/WR active current7)
IRWL
6)
-500
–
µA
VOUT = VOLmax
ALE inactive current7)
IALEL
5)
–40
µA
VOUT = VOLmax
ALE active current7)
IALEH
6)
500
–
µA
VOUT = 2.4 V
Port 6 inactive current7)
IP6H
5)
–- 40
µA
VOUT = 2.4 V
Port 6 active current7)
IP6L
6)
-500
–
µA
VOUT = VOL1max
PORT0 configuration current8)
IP0H
5)
–- 10
µA
VIN = VIHmin
IP0L
6)
-100
–
µA
VIN = VILmax
XTAL1 input current
IIL
CC
–
± 20
µA0 V < V
IN < VDD
Pin capacitance9)
(digital inputs/outputs)
CIO CC –
10
pF
f = 1 MHz
TA = 25 °C
1) Keeping signal levels within the levels specified in this table, ensures operation without overload conditions.
For signal levels outside these specifications also refer to the specification of the overload current
IOV.
2) Valid in bidirectional reset mode only.
3) This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
4) These parameters describe the RSTIN pullup, which equals a resistance of ca. 50 to 250 k
Ω.
5) The maximum current may be drawn while the respective signal line remains inactive.
6) The minimum current must be drawn in order to drive the respective signal line active.
7) This specification is valid during Reset and during Hold-mode or Adapt-mode. During Hold-mode Port 6 pins
are only affected, if they are used (configured) for CS output and the open drain function is not enabled. The
READY-pullup is always active, except for Powerdown mode.
8) This specification is valid during Reset and during Adapt-mode.
9) Not 100% tested, guaranteed by design and characterization.
DC Characteristics (Standard Supply Voltage Range) (cont’d)
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com