Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM330LXHTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ASM330LXHTR
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXHTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ASM330LXHTR Datasheet HTML 18Page - STMicroelectronics ASM330LXHTR Datasheet HTML 19Page - STMicroelectronics ASM330LXHTR Datasheet HTML 20Page - STMicroelectronics ASM330LXHTR Datasheet HTML 21Page - STMicroelectronics ASM330LXHTR Datasheet HTML 22Page - STMicroelectronics ASM330LXHTR Datasheet HTML 23Page - STMicroelectronics ASM330LXHTR Datasheet HTML 24Page - STMicroelectronics ASM330LXHTR Datasheet HTML 25Page - STMicroelectronics ASM330LXHTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Digital main block
ASM330LXH
22/56
DocID027411 Rev 3
Figure 10. Stream mode
In the latter case reading all FIFO content before an overrun interrupt has occurred, the first
data read is equal to the last already read in the previous burst, so the number of new data
available in FIFO depends on the previous reading.
3.2.4
Dynamic Stream mode
In Dynamic Stream mode (FIFO_CTRL(FMODE2:0) = 110) after emptying the FIFO, the first
new sample that arrives becomes the first to be read in a subsequent read burst. In this way
the number of new data available in FIFO does not depend on the previous reading.
In Dynamic Stream mode FIFO_SRC(FSS5:0) is the number of new X, Y and Z samples
available in the FIFO buffer.
Stream Mode is intended to be used to read all 32 samples of FIFO within an ODR after
receiving an overrun signal.
Dynamic Stream is intended to be used to read FIFO_SRC(FSS5:0) samples when it is not
possible to guarantee reading data within an ODR.
Also, a FIFO threshold interrupt on the INT pad through INT_CTRL(INT_FTH) can be
enabled in order to read data from the FIFO and leave free memory slots for incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com