Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL-CC25-01D3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BAL-CC25-01D3
Description  50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC25-01D3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BAL-CC25-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 9Page - STMicroelectronics BAL-CC25-01D3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID024657 Rev 4
7/10
BAL-CC25-01D3
Package information
Figure 14. PCB layout recommendation
Figure 15. Marking
Note:
More information is available in the STMicroelectronics Application note:
AN2348 Flip-Chip: “Package description and recommendations for use”
250 µm
127 µm
GND aperture 100 µm
280 µm
850 µm
850 µm
Pad diameter 250µm
x
y
x
w
z
w
Dot, ST logo
ECOPACK grade
xx = marking
z = manufacturing location
yww = datecode
(y = year
ww = week)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com