Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF03-SIM06F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF03-SIM06F3
Description  3-line IPAD™, EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM06F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF03-SIM06F3 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM06F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
EMIF03-SIM06F3
2/7
DocID024459 Rev 1
1
Characteristics
Figure 3. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Internal pins (A1, B1, C1):
ESD discharge IEC 61000-4-2(1), level 1
Air discharge
Contact discharge
External pins (A3, B3, C3, D1, D2, D3):
ESD discharge IEC 61000-4-2(1), level 4
Air discharge
Contact discharge
1. Measurements done on IEC 61000-4-2 test bench. For further details see Application note
AN3353, “IEC 61000-4-2 standard testing”.
2
2
20
20
kV
Top
Operating temperature range
- 40 to + 85
Tstg
Storage temperature range
- 55 to 150
Table 2. Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IRM
VRM = 3 V
50
nA
VBR
IR = 1 mA
6
V
R1, R3
Tolerance ±20%
100
R2
Tolerance ±20%
47
R4
Tolerance ±20%
10
k
Cline
Vline = 0 V, Vosc = 30 mV, F = 10 MHz
(measured under zero light conditions)
810
12
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
I
Cline
RI/O =
=
P
=
Line capacitance
eak pulse current
BR
RM
RM
RM
CL
PP
VCL
PP
Series resistance between
input and ouptput



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com