Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDCAN02-2BWY Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDCAN02-2BWY
Description  transient voltage suppressor for CAN bus
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDCAN02-2BWY Datasheet(HTML) 2 Page - STMicroelectronics

  ESDCAN02-2BWY Datasheet HTML 1Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 2Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 3Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 4Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 5Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 6Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 7Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 8Page - STMicroelectronics ESDCAN02-2BWY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDCAN0x-2BWY
2/10
DocID027651 Rev 2
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 2. Absolute maximum ratings (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
Electrostatic discharge
capability
ISO 10605 - C = 150 pF, R = 330 Ω:
Contact discharge
Air discharge
30
30
kV
ISO 10605 - C = 330 pF, R = 330 Ω
:
Contact discharge
Air discharge
30
30
HBM MIL STD 883
30
PPP
Peak pulse power dissipation (8/20 µs)
Tj initial = Tamb
250
W
IPP
Peak pulse current (8/20 µs)
3.7
A
Tj
Operating junction temperature range
-55 to +175
°C
Tstg
Storage temperature range
-55 to +175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com