Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2G3IS Datasheet(PDF) 15 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 11Page - STMicroelectronics L2G3IS Datasheet HTML 12Page - STMicroelectronics L2G3IS Datasheet HTML 13Page - STMicroelectronics L2G3IS Datasheet HTML 14Page - STMicroelectronics L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID024950 Rev 3
15/26
L2G3IS
Digital interfaces
26
5
Digital interfaces
The registers embedded inside the L2G3IS may be accessed through the SPI serial
interfaces.
5.1
SPI bus interface
The SPI is a bus slave. The SPI allows to write and read the registers of the device.
The serial interface interacts with the outside world with 3 wires: CS, SCL, SDI/SDO.
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of
the transmission and goes back high at the end. SCL is the serial port clock and it is
controlled by the SPI master. It is stopped high when CS is high (no transmission). SDI/SDO
is the serial port data input and output. This line is driven at the falling edge of SCL and
should be captured at the rising edge of SCL.
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in case of multiple read/write bytes. Bit duration is the time between two falling
edges of SCL. The first bit (bit 0) starts at the first falling edge of SCL after the falling edge
of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SCL just before the
rising edge of CS.
5.1.1
SPI write
Figure 6. SPI write protocol
The SPI write command is performed with 16 clock pulses. A multiple byte write command
is performed by adding blocks of 8 clock pulses to the previous one.
bit 0: WRITE bit. The value is 0.
bit 1: MS bit. When 0, does not increment the address; when 1, increments the address in
multiple writes.
bit 2 -7: address AD(5:0). This is the address field of the indexed register.
Table 8. Serial interface pin description
Pin name
Pin description
CS
Chip-select line
SCL
SPI serial port clock
SDI/SDO
SPI serial data input/output
CS
SCL
SDI/SDO
RW
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
AD5 AD4 AD3 AD2 AD1 AD0
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com