Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6984 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6984
Description  36 V 400 mA synchronous step-down switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6984 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6984 Datasheet HTML 20Page - STMicroelectronics L6984 Datasheet HTML 21Page - STMicroelectronics L6984 Datasheet HTML 22Page - STMicroelectronics L6984 Datasheet HTML 23Page - STMicroelectronics L6984 Datasheet HTML 24Page - STMicroelectronics L6984 Datasheet HTML 25Page - STMicroelectronics L6984 Datasheet HTML 26Page - STMicroelectronics L6984 Datasheet HTML 27Page - STMicroelectronics L6984 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Design of the power components
L6984
24/34
DocID025378 Rev 3
Considering
this function has its maximum in D = 0.5:
Equation 18
Typically CIN is dimensioned to keep the maximum peak-to-peak voltage across the input
filter in the order of 5% VIN_MAX.
4.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage
ripple (please refer to Section 4.3: Output capacitor selection). Usually the inductor value is
selected in order to keep the current ripple lower than 20% - 40% of the output current over
the input voltage range. The inductance value can be calculated by the following equation:
Equation 19
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed VOUT, is obtained at maximum TOFF that is at minimum duty cycle
(see Section 4.1 to calculate minimum duty). So fixing
IL = 20 % to 40 % of the maximum
output current, the minimum inductance value can be calculated:
Equation 20
where FSW is the switching frequency 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IO = 0.4 A and FSW = 600 kHz the minimum
inductance value to have
IL = 30 % of IO is about 33 µH.
The peak current through the inductor is given by:
Equation 21
So if the inductor value decreases, the peak current (that has to be lower than the current
limit of the device) increases. The higher is the inductor value, the higher is the average
output current that can be delivered, without reaching the current limit.
Table 6. Input capacitors
Manufacture
Series
Size
Cap value (
F) Rated voltage (V)
TDK
C3225X7S1H106M
1210
10
50
C3216X5R1H106M
1206
Taiyo Yuden
UMK325BJ106MM-T
1210
CIN_MIN
IO
2V
PP_MAX fSW
----------------------------------------------
=
I
L
VIN VOUT
L
------------------------------ TON
VOUT
L
-------------- TOFF
==
LMIN
VOUT
I
MAX
----------------
1DMIN
FSW
-----------------------
=
ILPK
IO
I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com