Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2472GBTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED2472GBTR
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472GBTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED2472GBTR Datasheet HTML 18Page - STMicroelectronics LED2472GBTR Datasheet HTML 19Page - STMicroelectronics LED2472GBTR Datasheet HTML 20Page - STMicroelectronics LED2472GBTR Datasheet HTML 21Page - STMicroelectronics LED2472GBTR Datasheet HTML 22Page - STMicroelectronics LED2472GBTR Datasheet HTML 23Page - STMicroelectronics LED2472GBTR Datasheet HTML 24Page - STMicroelectronics LED2472GBTR Datasheet HTML 25Page - STMicroelectronics LED2472GBTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Digital blocks
LED2472G
22/39
DocID024620 Rev 3
Timings for shutdown and wakeup are present in the dynamic features table. While the auto
power shutdown is active, the device ignores any other command except channel power-on.
8.6
SDO delay (CFG 7)
Normally, on SDO terminals data is shifted out at the rising edge of the CLK signal with a
propagation delay of about 15 ns [signal (1) in Figure 11]. The device provides the possibility
to shift data out also at the falling edge of the CLK signal with a propagation delay of few ns
[signal (2) in Figure 11]. This feature can be activated by setting to “1” the bit CFG-7 of the
configuration register. The default setting for this bit is “0”, hence the SDO delay is not
activated by default. This feature is particularly useful when multiple devices are connected
in daisy chain configuration with non-matched delays between the CLK and SDO data paths
(board routing).
Figure 11. SDO Delay
8.7
Gradual output delay (CFG 8)
The gradual output delay consists in turning on gradually the current generators, avoiding
turning on all channels at the same time. This feature prevents large inrush current and
reduces the bypass capacitor values. The fixed delay time can be activated by bit CFG-8 of
the configuration register, and the typical delay is 10 ns for each group of 8 outputs R, G, B
(e.g. R1, G1, B1 has no delay, R2, G2, B2 has 10 ns of delay and R3, G3, B3, has 20 ns
delay, and so on), as described in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com