Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904AH Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2904AH
Description  Low-power, dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904AH Datasheet(HTML) 5 Page - STMicroelectronics

  LM2904AH Datasheet HTML 1Page - STMicroelectronics LM2904AH Datasheet HTML 2Page - STMicroelectronics LM2904AH Datasheet HTML 3Page - STMicroelectronics LM2904AH Datasheet HTML 4Page - STMicroelectronics LM2904AH Datasheet HTML 5Page - STMicroelectronics LM2904AH Datasheet HTML 6Page - STMicroelectronics LM2904AH Datasheet HTML 7Page - STMicroelectronics LM2904AH Datasheet HTML 8Page - STMicroelectronics LM2904AH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM2904AH
Absolute maximum ratings and operating
conditions
DocID028399 Rev 2
5/19
3
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
(1)
±16 or 32
V
Vid
Differential input voltage
(2)
±32
Vin
Input voltage
-0.3 to 32
Output short-circuit duration
(3)
Infinite
s
Iin
Input current: Vin driven negative
(4)
5 mA in DC or 50 mA in AC
(duty cycle = 10 %, T = 1 s)
mA
Input current: Vin driven positive above AMR
value
(5)
0.4
Tstg
Storage temperature range
-65 to 150
°C
Tj
Maximum junction temperature
160
Rthja
Thermal resistance junction to ambient
(6)
120
°C/W
Rthjc
Thermal resistance junction to case
(6)
37
ESD
HBM: human body model
(7)
300
V
MM: machine model
(8)
200
CDM: charged device model
(9)
1.5
kV
Notes:
(1)
All voltage values, except differential voltage are with respect to network ground terminal.
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
(3)
Short-circuits from the output to VCC can cause excessive heating if (Vcc+) > 15 V. The maximum output current
is approximately 40 mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.
(4)
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward-biased and thereby acting as input diode
clamp. In addition to this diode action, there is NPN parasitic action on the IC chip. This transistor action can
cause the output voltages of the op amps to go to the VCC voltage level (or to ground for a large overdrive) for the
time during which an input is driven negative. This is not destructive and normal output is restored for input
voltages above -0.3 V.
(5)
The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor in
series with the inputs to limit the input current to 400 µA max (R = (Vin-32 V)/400 µA).
(6)
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
(7)Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ
resistor between two pins of the device. This is done for all couples of connected pin combinations while the other
pins are floating.
(8)
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected
pin combinations while the other pins are floating.
(9)
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com