Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH26LS Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 16Page - STMicroelectronics LNBH26LS Datasheet HTML 17Page - STMicroelectronics LNBH26LS Datasheet HTML 18Page - STMicroelectronics LNBH26LS Datasheet HTML 19Page - STMicroelectronics LNBH26LS Datasheet HTML 20Page - STMicroelectronics LNBH26LS Datasheet HTML 21Page - STMicroelectronics LNBH26LS Datasheet HTML 22Page - STMicroelectronics LNBH26LS Datasheet HTML 23Page - STMicroelectronics LNBH26LS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
I²C interface protocol
LNBH26LS
20/33
DocID025504 Rev 1
7.2
Read mode transmission
In read mode the byte sequence must be as follows:
A start condition (S)
A chip address byte with the LSB bit R/W=0
The register address byte of the internal first register to be accessed
A stop condition (P)
A new master transmission with the chip address byte and the LSB bit R/W=1
After the acknowledge, the LNBH26LS starts sending the addressed register content.
As long as the master keeps the acknowledge low, the LNBH26LS transmits the next
address register byte content
The transmission is terminated when the master sets the acknowledge high with a
following stop bit
Figure 11: Example of reading procedure starting with first status address 0X0
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address (see Table 15: "Address pin
characteristics"for pin selection) and to select the register address (see Table 6: "DATA 1
(read/write register. Register address = 0X2)").
The reading procedure can start from any register address (status 1, 2 or
data1..4) by simply setting the X values in the register address byte (after the first
chip address in the above figure). It can be also stopped by the master by sending
a STOP condition after any acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com