Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303AGRTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM303AGRTR Datasheet HTML 26Page - STMicroelectronics LSM303AGRTR Datasheet HTML 27Page - STMicroelectronics LSM303AGRTR Datasheet HTML 28Page - STMicroelectronics LSM303AGRTR Datasheet HTML 29Page - STMicroelectronics LSM303AGRTR Datasheet HTML 30Page - STMicroelectronics LSM303AGRTR Datasheet HTML 31Page - STMicroelectronics LSM303AGRTR Datasheet HTML 32Page - STMicroelectronics LSM303AGRTR Datasheet HTML 33Page - STMicroelectronics LSM303AGRTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Functionality
LSM303AGR
30/68
DocID027765 Rev 5
4.3
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which
converts the capacitive unbalancing of the MEMS sensor into an analog voltage using an
analog-to-digital converter.
The acceleration and magnetic data may be accessed through an I2C/SPI interface thus
making the device particularly suitable for direct interfacing with a microcontroller.
The LSM303AGR features a data-ready signal which indicates when new sets of measured
acceleration and magnetic data are available, thus simplifying data synchronization in the
digital system that uses the device.
4.4
FIFO
The FIFO buffer applies only to the accelerometer. The LSM303AGR embeds a 32-level
FIFO for each of the three output channels, X, Y and Z. This allows consistent power saving
for the system, since the host processor does not need to continuously poll data from the
sensor, but it can wake up only when needed and burst the significant data out from the
FIFO.
In order to enable the FIFO buffer, the FIFO_EN bit in CTRL_REG5_A (24h) must be set to
‘1’.
This buffer can work according to the following different modes: Bypass mode, FIFO mode,
Stream mode and Stream-to-FIFO mode. Each mode is selected by the FM [1:0] bits in
FIFO_CTRL_REG_A (2Eh). Programmable FIFO watermark level, FIFO empty or FIFO
overrun events can be enabled to generate dedicated interrupts on the INT_1_XL pin
(configuration through CTRL_REG3_A (22h)).
In the FIFO_SRC_REG_A (2Fh) register the EMPTY bit is equal to ‘1’ when all FIFO
samples are ready and FIFO is empty.
In the FIFO_SRC_REG_A (2Fh) register the WTM bit goes to ‘1’ if new data is written in the
buffer and FIFO_SRC_REG_A (2Fh) (FSS [4:0]) is greater than or equal to
FIFO_CTRL_REG_A (2Eh) (FTH [4:0]). FIFO_SRC_REG_A (2Fh) (WTM) goes to ‘0’ if
reading an X, Y, Z data slot from FIFO and FIFO_SRC_REG_A (2Fh) (FSS [4:0]) is less
than or equal to FIFO_CTRL_REG_A (2Eh) (FTH [4:0]).
In the FIFO_SRC_REG_A (2Fh) register the OVRN_FIFO bit is equal to ‘1’ if the FIFO slot
is overwritten.
4.4.1
Bypass mode
In Bypass mode the FIFO is not operational and for this reason it remains empty. For each
channel only the first address is used. The remaining FIFO levels are empty.
Bypass mode must be used in order to reset the FIFO buffer when a different mode is
operating (i.e. FIFO mode).
4.4.2
FIFO mode
In FIFO mode, the buffer continues filling data from the X, Y and Z accelerometer channels
until it is full (a set of 32 samples stored). When the FIFO is full, it stops collecting data from
the input channels and the FIFO content remains unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com