Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C64-DRMF3TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C64-DRMF3TP
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF3TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C64-DRMF3TP Datasheet HTML 2Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 3Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 4Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 5Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 6Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 7Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 8Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 9Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Description
M24C64-A125
6/40
DocID023023 Rev 8
1
Description
The M24C64-A125 is a 64-Kbit serial EEPROM Automotive grade device operating up to
125 °C. The M24C64-A125 is compliant with the very high level of reliability defined by the
Automotive standard AEC-Q100 grade 1.
The device is accessed by a simple serial I2C compatible interface running up to 1 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M24C64-A125 is a byte-alterable memory (8192 K × 8 bits)
organized as 256 pages of 32 bytes in which the data integrity is significantly improved with
an embedded Error Correction Code logic.
The M24C64-A125 offers an additional Identification Page (32 bytes) in which the ST device
identification can be read. This page can also be used to store sensitive application
parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com