Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24M01-DWMN3TP Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24M01-DWMN3TP
Description  Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DWMN3TP Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24M01-DWMN3TP Datasheet HTML 29Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 30Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 31Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 32Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 33Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 34Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 35Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 36Page - STMicroelectronics M24M01-DWMN3TP Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
M24M01-A125
36/37
DocID023765 Rev 4
11
Revision history
Table 16. Document revision history
Date
Revision
Changes
24-Jan-2013
1
Initial release.
27-May-2013
2
Document reformatted.
Document status changed from “Target specification” to “Preliminary
data”.
Updated:
– Section 3.6: Identification page
– Note (1) under Table 5: Absolute maximum ratings
–ICC ,VIL and VOL values in Table 10: DC characteristics
– Package information in Table 15: Ordering information scheme
Removed information related to UFDFPN8 (MLP8) package.
19-Aug-2013
3
Document status changed from “Preliminary data” to “Production
data”.
Updated “VOL” row in Table 10: DC characteristics.
04-Feb-2014
4
Changed Data retention from "40 years at 55 °C" to "50 years at
125 °C" in Features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com