Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M93C46-DRE Datasheet(PDF) 1 Page - STMicroelectronics

Part # M93C46-DRE
Description  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-DRE Datasheet(HTML) 1 Page - STMicroelectronics

  M93C46-DRE Datasheet HTML 1Page - STMicroelectronics M93C46-DRE Datasheet HTML 2Page - STMicroelectronics M93C46-DRE Datasheet HTML 3Page - STMicroelectronics M93C46-DRE Datasheet HTML 4Page - STMicroelectronics M93C46-DRE Datasheet HTML 5Page - STMicroelectronics M93C46-DRE Datasheet HTML 6Page - STMicroelectronics M93C46-DRE Datasheet HTML 7Page - STMicroelectronics M93C46-DRE Datasheet HTML 8Page - STMicroelectronics M93C46-DRE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
November 2015
DocID028496 Rev 1
1/32
M93Cx6-DRE
16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide)
MICROWIRE™ serial EEPROM 105 °C Operation
Datasheet
- production data
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
WFDFPN8 (MF)
2 x 3 mm
Features
• Industry standard MICROWIRE™ bus
• Memory array: 1 Kb, 2 Kb, 4 Kb, 8 Kb or 16 Kb
• Dual organization: by word (x16) or byte (x8)
• Write
– Byte within 4 ms
– Word within 4 ms
• READY/BUSY signal during programming
• 2 MHz clock rate
• Sequential read operation
• Single supply voltage: 1.8 V to 5.5 V
• Extended temperature range: -40 °C up to 105
°C
• Enhanced ESD protection
• Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
– 900 k Write cycle at 105°C
• Data retention
– more than 50 years at 105 °C
– 200 years at 55 °C
• Packages
– RoHS-compliant and Halogen-free
(ECOPACK2®)
Table 1. Device summary
Reference
Part number
M93Cx6-DRE
M93C46-DRE
M93C56-DRE
M93C66-DRE
M93C76-DRE
M93C86-DRE
www.st.com


Similar Part No. - M93C46-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C46-DS3 STMICROELECTRONICS-M93C46-DS3 Datasheet
611Kb / 31P
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
31-Jul-2007
M93C46-DS3G/S STMICROELECTRONICS-M93C46-DS3G/S Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
M93C46-DS3G/W STMICROELECTRONICS-M93C46-DS3G/W Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
M93C46-DS3P/S STMICROELECTRONICS-M93C46-DS3P/S Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
M93C46-DS3P/W STMICROELECTRONICS-M93C46-DS3P/W Datasheet
351Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
31-Jul-2007
More results

Similar Description - M93C46-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16 STMICROELECTRONICS-M24C16_07 Datasheet
348Kb / 34P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
27-Sep-2007
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M93C46-A125 STMICROELECTRONICS-M93C46-A125 Datasheet
563Kb / 31P
Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit
16-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com