Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-125 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M95M01-125
Description  Automotive 1-Mbit serial SPI bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-125 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95M01-125 Datasheet HTML 9Page - STMicroelectronics M95M01-125 Datasheet HTML 10Page - STMicroelectronics M95M01-125 Datasheet HTML 11Page - STMicroelectronics M95M01-125 Datasheet HTML 12Page - STMicroelectronics M95M01-125 Datasheet HTML 13Page - STMicroelectronics M95M01-125 Datasheet HTML 14Page - STMicroelectronics M95M01-125 Datasheet HTML 15Page - STMicroelectronics M95M01-125 Datasheet HTML 16Page - STMicroelectronics M95M01-125 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
M95M01-125
Operating features
Doc ID 023153 Rev 1
13/37
5
Operating features
5.1
Supply voltage (VCC)
5.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Operating conditions
in Section 9: DC and AC parameters). This voltage must remain stable and valid until the
end of the transmission of the instruction and, for a Write instruction, until the completion of
the internal write cycle (tW). In order to secure a stable DC supply voltage, it is
recommended to decouple the VCC line with a suitable capacitor (usually of the order of
10 nF to 100 nF) close to the VCC/VSS device pins.
5.1.2
Device reset
In order to prevent erroneous instruction decoding and inadvertent Write operations during
power-up, a power-on-reset (POR) circuit is included. At power-up, the device does not
respond to any instruction until VCC reaches the POR threshold voltage. This threshold is
lower than the minimum VCC operating voltage (see Operating conditions in Section 9: DC
and AC parameters).
At power-up, when VCC passes over the POR threshold, the device is reset and is in the
following state:
●
in Standby Power mode,
●
deselected,
●
Status Register values:
–
The Write Enable Latch (WEL) bit is reset to 0.
–
The Write In Progress (WIP) bit is reset to 0.
–
The SRWD, BP1 and BP0 bits remain unchanged (non-volatile bits).
It is important to note that the device must not be accessed until VCC reaches a valid and
stable level within the specified [VCC(min), VCC(max)] range, as defined under Operating
conditions in Section 9: DC and AC parameters.
5.1.3
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 4).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge-
sensitive as well as level-sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been high, prior to going low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined under Operating conditions in Section 9: DC and AC parameters, and the rise time
must not vary faster than 1 V/µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com