Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-A145 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M95M01-A145
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-A145 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95M01-A145 Datasheet HTML 9Page - STMicroelectronics M95M01-A145 Datasheet HTML 10Page - STMicroelectronics M95M01-A145 Datasheet HTML 11Page - STMicroelectronics M95M01-A145 Datasheet HTML 12Page - STMicroelectronics M95M01-A145 Datasheet HTML 13Page - STMicroelectronics M95M01-A145 Datasheet HTML 14Page - STMicroelectronics M95M01-A145 Datasheet HTML 15Page - STMicroelectronics M95M01-A145 Datasheet HTML 16Page - STMicroelectronics M95M01-A145 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID023214 Rev 6
13/40
M95M01-A125 M95M01-A145
Operating features
39
SRWD bit and W input signal
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect pin (W) signal. When the SRWD bit is written to 0, it is possible to write the Status
Register, regardless of whether the pin Write Protect (W) is driven high or low.
When the SRWD bit is written to 1, two cases have to be considered, depending on the
state of the W input pin:
•
Case 1: if pin W is driven high, it is possible to write the Status Register.
•
Case 2: if pin W is driven low, it is not possible to write the Status Register (WRSR is
discarded) and therefore SRWD,BP1,BP0 bits cannot be changed (the size of the
protected memory block defined by BP1,BP0 bits is frozen).
Case 2 can be entered in either sequence:
•
Writing SRWD bit to 1 after driving pin W low, or
•
Driving pin W low after writing SRWD bit to 1.
The only way to exit Case 2 is to pull pin W high.
Note: if pin W is permanently tied high, the Status Register cannot be write-protected.
The protection features of the device are summarized in Table 4.
3.5
Identification page
The M95M01-A125 and M95M01-A145 offer an Identification page (256 bytes) in addition to
the 1 Mbit memory. The Identification page contains two fields:
•
Device identification: the three first bytes are programmed by STMicroelectronics with
the Device identification code, as shown in Table 5.
•
Application parameters: the bytes after the Device identification code are available for
application specific data.
Table 3. Write-protected block size
Status Register bits
Protected block
Protected array addresses
BP1
BP0
0
0
None
None
0
1
Upper quarter
1.80.00h - 1.FF.FFh
1
0
Upper half
1.00.00h - 1.FF.FFh
1
1
Whole memory
0.00.00h - 1FF.FFh plus Identification page
Table 4. Protection modes
SRWD bit
W signal
Status
0X
Status Register is writable.
11
1
0
Status Register is write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com