Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128S-FCU Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24128S-FCU
Description  128-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128S-FCU Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24128S-FCU Datasheet HTML 32Page - STMicroelectronics M24128S-FCU Datasheet HTML 33Page - STMicroelectronics M24128S-FCU Datasheet HTML 34Page - STMicroelectronics M24128S-FCU Datasheet HTML 35Page - STMicroelectronics M24128S-FCU Datasheet HTML 36Page - STMicroelectronics M24128S-FCU Datasheet HTML 37Page - STMicroelectronics M24128S-FCU Datasheet HTML 38Page - STMicroelectronics M24128S-FCU Datasheet HTML 39Page - STMicroelectronics M24128S-FCU Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID025717 Rev 7
39/40
M24128S-FCU M24128S-FCV
Revision history
39
11
Revision history
Table 17. Document revision history
Date
Revision
Changes
07-Jan-2014
1
Initial release.
26-May-2014
2
Changed document classification from “ST Restricted” to “Public”.
Added Figure 12: Ultra Thin WLCSP- 4-bump, 0.833 x 0.833 mm, wafer
level chip scale package outline.
18-Jun-2014
3
Changed minimum level of temperature range from -30°C to -40°C on
Cover page, Section 1, Table 12 and Table 16
Changed minimum level of supply voltage range from 1.62 V to 1.7V on
Cover page, Section 1, Table 12 and Table 16
11-Dec-2014
4
Updated Features
Updated Table 8: Operating conditions
Added Figure 10: Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at high clock frequency
Added Figure 13: Ultra Thin WLCSP- 4-bump, 0.833 x 0.833 mm, wafer
level chip scale package outline with BSC
Added Figure 14: Thin WLCSP- 4-bump, 0.833 x 0.833 mm, wafer level
chip scale package recommended footprint
Added Table 11: High frequency clock AC characteristics.
Updated Table 12: Ultra Thin WLCSP- 4-bump, 0.833 x 0.833 mm,
wafer level chip scale package mechanical data
Added Table 13: Ultra Thin WLCSP- 4-bump, 0.833 x 0.833 mm, wafer
level chip scale package mechanical data
Added option F inside Table 16: Ordering information scheme
30-Apr-2015
5
Change from Preliminary to Production data status
Updated Icc(read) value in Table 9: DC characteristics
Updated Figure 9: Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at maximum frequency fC = 400 kHz
12-Aug-2015
6
Updated:
– Data retention value from 40 to 200 years and Cycling from 1 to 4
Mcycles in Cover page and Table 7.
05-Nov-2015
7
Added:
– reference to M24128S-FCV device.
– Note 1 on Table 11.
– Notes 1 and 2 on Table 16
– Section 9.2: Ultra ultra thin WLCSP package information
Updated:
– Figure 1, Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com