Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95M01-DWMN4TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95M01-DWMN4TP
Description  Automotive 1 Mbit serial SPI bus EEPROMs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-DWMN4TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95M01-DWMN4TP Datasheet HTML 14Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 15Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 16Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 17Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 18Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 19Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 20Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 21Page - STMicroelectronics M95M01-DWMN4TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Instructions
M95M01-A125 M95M01-A145
18/40
DocID023214 Rev 6
4.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed.
The Write Status Register (WRSR) instruction is entered (MSB first) by driving Chip Select
(S) low, sending the instruction code followed by the data byte on Serial Data input (D), and
driving the Chip Select (S) signal high.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the
WRSR instruction, including the Write cycle (tW).
The Write Status Register (WRSR) instruction has no effect on the b6, b5, b4, b1 and b0 bits
in the Status Register (see Table 2: Status Register format).
The Status Register functionality is detailed in Section 3.4.2: Status Register and data
protection.
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
Figure 8. Write Status Register (WRSR) sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com