Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-DRMN8TP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24256-DRMN8TP
Description  256-Kbit serial I²C bus EEPROM - 105°C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DRMN8TP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24256-DRMN8TP Datasheet HTML 23Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 24Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 25Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 26Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 27Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 28Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 29Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 30Page - STMicroelectronics M24256-DRMN8TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DocID027418 Rev 1
27/41
M24256-DRE
DC and AC parameters
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 6. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Min.
Max.
Unit
Ncycle
Write cycle
endurance(1)
1. The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N,
4*N+1, 4*N+2, 4*N+3] where N is an integer, or for the status register byte (refer also to
Section 5.2: Cycling with Error Correction Code (ECC)). The Write cycle endurance is defined
by characterization and qualification.
TA
≤ 25 °C, 1.8 V < VCC < 5.5 V
-
4,000,000
Write
cycle(2)
2. A Write cycle is executed when either a Page Write, a Byte Write, a Write Identification Page or
a Lock Identification Page instruction is decoded. When using those Write instructions, refer
also to Section 5.2: Cycling with Error Correction Code (ECC).
TA = 85 °C, 1.8 V < VCC < 5.5 V
-
1,200,000
TA = 105 °C, 1.8 V < VCC < 5.5 V
-
900,000
Table 7. Operating conditions (voltage range R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
105
°C
Table 8. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
-
Input levels
0.2 VCC to 0.8 VCC
V
-
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com